Part Number Hot Search : 
LJ64K052 KRC651E CBT16292 3C550EBA U042025 NR301E BPR350F 3524K082
Product Description
Full Text Search
 

To Download BDW93 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
BDW93/A/B/C
DESCRIPTION *Collector Current -IC= 12A *Collector-Emitter Sustaining Voltage: VCEO(SUS) = 45V(Min)- BDW93; 60V(Min)- BDW93A 80V(Min)- BDW93B; 100V(Min)- BDW93C *Complement to Type BDW94/A/B/C APPLICATIONS *Designed for hammer drivers, audio amplifier applications. ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL PARAMETER BDW93 Collector-Base Voltage BDW93A BDW93B VALUE 45 60 80 UNIT
VCBO
BDW93C
VCEO
Collector-Emitter Voltage
w w
BDW93
BDW93A BDW93B
scs .i w
100 45 60 80 100 5 12 15 0.2 80 150 -65~150
V
.cn mi e
V
BDW93C
VEBO IC ICM IB
B
Emitter-Base Voltage Collector Current-Continuous Collector Current-Peak Base Current Collector Power Dissipation @ TC=25 Junction Temperature Storage Temperature Range
V A A A W
PC TJ Tstg
THERMAL CHARACTERISTICS
SYMBOL Rth j-c PARAMETER Thermal Resistance, Junction to Case MAX 1.5 UNIT /W
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL PARAMETER BDW93 BDW93A IC= 100mA; IB= 0 BDW93B BDW93C VCE(sat)-1 VCE(sat)-2 VBE(sat)-1 VBE(sat)-1 Collector-Emitter Saturation Voltage Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Base-Emitter Saturation Voltage BDW93 BDW93A BDW93B IC= 5A; IB= 20mA
B
BDW93/A/B/C
CONDITIONS
MIN 45 60
TYP.
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
V 80 100 2.0 3.0 2.5 4.0 V V V V
IC= 10A; IB= 0.1A IC= 5A; IB= 20mA
B
IC= 10A; IB= 0.1A
ICBO
Collector Cutoff Current
ICEO
Collector Cutoff Current
ww w
BDW93C BDW93 BDW93A BDW93B BDW93C
scs .i
B B B
VCB= 45V; IE= 0 VCB= 60V; IE= 0 VCB= 80V; IE= 0
VCB= 100V; IE= 0
.cn mi e
0.1
mA
VCE= 45V; IB= 0 VCE= 60V; IB= 0 1.0 VCE= 80V; IB= 0 VCE= 100V; IB= 0 VEB= 5V; IC= 0 IC= 3A; VCE= 3V IC= 5A; VCE= 3V IC= 10A; VCE= 3V IF= 5A IF= 10A 1000 750 100 2.0 4.0 V V 20000 2.0 mA mA
IEBO hFE-1 hFE-2 hFE-3 VECF-1 VECF-2
Emitter Cutoff Current DC Current Gain DC Current Gain DC Current Gain C-E Diode Forward Voltage C-E Diode Forward Voltage
isc Websitewww.iscsemi.cn
2


▲Up To Search▲   

 
Price & Availability of BDW93

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X